PART |
Description |
Maker |
LTC1702A |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
|
Linear
|
LTC1702C LTC1702CGN LTC1702 LTC1702I LTC1702IGN |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
|
LINER[Linear Technology]
|
LTC1702ACGN LTC1702AIGN |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
|
Linear Technology
|
LTC1703 17023P |
Dual 550kHz Synchronous 5V-to-2.x/1.xV Switching Regulator Controllers with VID From old datasheet system
|
Linear
|
LTC3728LIGNPBF LTC3728LXCUHPBF LTC3728LCGNPBF LTC3 |
Dual, 550kHz, 2-Phase Synchronous Regulators Dual, 550kHz, 2-Phase Synchronous Regulators
|
Linear Technology
|
LTC1873 LTC1873EG |
Dual 550kHz Synchronous2-Phase Switching Regulator Controller with 5-Bit VID Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
|
Linear Technology
|
LTC1703IGPBF LTC1703IG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT70V9269L12PRF IDT70V9269L12PRFI IDT70V9279S9PRF |
32K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 16K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through From old datasheet system Small Signal Diode HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 12 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 18 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 高.3 32K的16 SYNCHRONOU S双,端口静态内
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
HIP6602A FN4902 |
Dual Channel Synchronous-Rectified Buck MOSFET Drivers(????存???OSFET椹卞??? From old datasheet system Dual Channel Synchronous-Rectified Buck MOSFET
Drivers(同步整流的MOSFET驱动 Dual Channel Synchronous-Rectified Buck MOSFET Drivers(同步整流的MOSFET驱动 双通道同步整流降压MOSFET驱动器(同步整流的MOSFET的驱动器
|
Intersil Corporation Intersil, Corp.
|
LTC3539-2-15 LTC3407-4-15 |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|